Part Number Hot Search : 
34063APS EL4331CS MAX414CP LF398AH 85150 MSM9803 DG507ACK VND5E
Product Description
Full Text Search
 

To Download Q67060-S6185 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SPB80N06S-08 SPI80N06S-08, SPP80N06S-08
SIPMOS(R) Power-Transistor
Features * N-channel - Enhancement mode * Automotive AEC Q101 qualified * MSL1 up to 260C peak reflow * 175C operating temperature * Avalanche test * Repetive Avalanche up to Tjmax = 175 C * dv /dt rated Type SPB80N06S-08 SPI80N06S-08 SPP80N06S-08 Package P-TO263-3-2 P-TO262-3-1 P-TO220-3-1 Ordering Code P-TO263-3-2
Product Summary V DS R DS(on),max (SMD version) ID 55 7.7 80 V m A
P-TO262-3-1
P-TO220-3-1
VDD=30 V, ID=80 A, VGS=10 V, RG=2.4
Marking
Q67060-S6185 1N0608 T C=25 C, V GS=10 V Q67060-S6187 1N0608 T C=100 C, V GS=10 V Q67060-S6186 1N0608
Maximum ratings, at T j=25 C, unless otherwise specified Parameter Continuous drain current1) Symbol Conditions ID T C=25 C, V GS=10 V Value Unit A
80
T C=100 C, V GS=10 V Pulsed drain current2) Avalanche energy, single pulse Avalanche energy, periodic2) Reverse diode dv /dt Gate source voltage Power dissipation Operating and storage temperature IEC climatic category; DIN IEC 68-1 Rev. 1.0 page 1
2)
80 320 700 30 6 20 kV/s V W C mJ
I D,pulse E AS E AR dv /dt V GS P tot T j, T stg
T C=25 C I D=80 A, R GS=25 , V DD=25 V T j175 C I D=80 A, V DS=40 V, di /dt =200 A/s, T j,max=175 C
T C=25 C
300 -55 ... +175 55/175/56
2004-11-30
SPB80N06S-08 SPI80N06S-08, SPP80N06S-08
Parameter Symbol Conditions min. Thermal characteristics2) Thermal resistance, junction - case Thermal resistance, junction ambient, leaded SMD version, device on PCB R thJC R thJA R thJA minimal footprint 6 cm2 cooling area3) Electrical characteristics, at T j=25 C, unless otherwise specified Static characteristics Drain-source breakdown voltage Gate threshold voltage Zero gate voltage drain current V (BR)DSS V GS=0 V, I D=1 mA V GS(th) I DSS V DS=V GS, I D=240 A V DS=25 V, V GS=0 V, T j=25 C V DS=25 V, V GS=0 V, T j=150 C2) Gate-source leakage current Drain-source on-state resistance I GSS R DS(on) V GS=20 V, V DS=0 V V GS=10 V, I D=80 A V GS=10 V, I D=80 A SMD version Transconductance2) footnote on page 3 g fs |V DS|>2|I D|R DS(on)max, I D=80 A 55 2.1 3.0 0.1 4 1 A V 0.38 0.5 62 62 40 K/W Values typ. max. Unit
-
10 10 6.5 6.2
100 100 8 7.7 nA m
-
73
-
S
Rev. 1.0
page 2
2004-11-30
SPB80N06S-08 SPI80N06S-08, SPP80N06S-08
Parameter Symbol Conditions min. Dynamic characteristics2) Input capacitance Output capacitance Reverse transfer capacitance Turn-on delay time Rise time Turn-off delay time Fall time Gate Charge Characteristics2) Gate to source charge Gate to drain charge Gate charge total Gate plateau voltage Reverse Diode2) Diode continous forward current Diode pulse current Diode forward voltage IS I S,pulse V SD T C=25 C V GS=0 V, I F=80 A, T j=25 C V R=27.5 V, I F=I S, di F/dt =100 A/s 0.9 80 320 1.3 V A Q gs Q gd Qg V plateau V DD=44 V, I D=80 A, V GS=0 to 10 V 19 62 125 5.4 187 V nC C iss C oss Crss t d(on) tr t d(off) tf VDD=30 V, ID=80 A, VGS=10 V, RG=2.4 V GS=0 V, V DS=25 V, f =1 MHz 3660 1075 540 22 53 54 32 ns pF Values typ. max. Unit
Reverse recovery time
t rr
-
105
ns
Reverse recovery charge
Q rr
-
30
-
nC
1)
Current is limited by bondwire; with an R thJC=0.5 K/W the chip is able to carry 132A at 25C. For detailed information see Application Note APPS071E at www.infineon.com/optimos
2) 3)
Defined by design not subjected to production test.
Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm 2 (one layer, 70 m thick) copper area for drain connection. PCB is vertical in still air.
Rev. 1.0
page 3
2004-11-30
SPB80N06S-08 SPI80N06S-08, SPP80N06S-08
1 Power dissipation P tot=f(T C) 2 Drain current I D=f(T C); V GS10 V
350
100
300 80 250 60
P tot [W]
200
150
I D [A]
40 20 0 0 50 100 150 200 0 50 100 150 200
100
50
0
T C [C]
T C [C]
3 Safe operating area I D=f(V DS); T C=25 C; D =0 parameter: t p
1000
4 Max. transient thermal impedance Z thJC=f(t p) parameter: D =t p/T
101
limited by on-state resistance
10 s 100 s 1 ms
100
100
DC
Z thJC [K/W]
10 ms
0.5 0.2 0.1 0.05 0.02 0.01
I D [A]
10-1
10 10-2
single pulse
1 0.1 1 10 100
10-3 10-5 10-4 10-3 10-2 10-1 100
V DS [V]
t p [s]
Rev. 1.0
page 4
2004-11-30
SPB80N06S-08 SPI80N06S-08, SPP80N06S-08
5 Typ. output characteristics I D=f(V DS); T j=25 C parameter: V GS
160
8V 6.5 V 6V 7V
6 Typ. drain-source on resistance R DS(on)=f(I D); T j=25 C parameter: V GS
25
140 120 100
10 V
20
4.5 V
5V
5.5 V
5.5 V
80 60 40
4.5 V
R DS(on) [m]
15
I D [A]
6V
10
6.5 V 7V 8V 10 V
5V
5
20 0 0 1 2 3 0 0 20 40 60 80 100 120
V DS [V]
I D [A]
7 Typ. transfer characteristics I D=f(V GS); |V DS|>2|I D|R DS(on)max parameter: T j
160 140 120 100 80 60 40 20 0 0 2 4 6 8
8 Typ. forward transconductance g fs=f(I D); T j=25 C
80 70 60 50
g fs [S]
175 C 25 C
I D [A]
40 30 20 10 0 0 20 40 60 80
V GS [V]
I D [A]
Rev. 1.0
page 5
2004-11-30
SPB80N06S-08 SPI80N06S-08, SPP80N06S-08
9 Typical Drain-source on-state resistance R DS(on)=f(T j); I D=80 A; V GS=10 V 10 Typ. gate threshold voltage V GS(th)=f(T j); V GS=V DS parameter: I D
16 14 12 10 8 6 1.5 4 2 0 -60 -20 20 60 100 140 180 1 4
3.5
3
240 A
1200 A
R DS(on) [m]
V GS(th) [V]
2.5
2
0.5 -60 -20 20 60 100 140 180
T j [C]
T j [C]
11 Typ. capacitances C =f(V DS); V GS=0 V; f =1 MHz
12 Forward characteristics of reverse diode I F=f(V SD) parameter: T j
104
Ciss
Coss
C [pF]
103
Crss
I F [A]
25 C 175 C
102 0 10 20 30 40 0 0.2 0.4 0.6 0.8 1 1.2 1.4
V DS [V]
V SD [V]
Rev. 1.0
page 6
2004-11-30
SPB80N06S-08 SPI80N06S-08, SPP80N06S-08
13 Typ. Avalanche characteristics I AS=f(t AV); R GS=25 parameter: T j(start)
100
25 C 100 C 150 C
14 Typ. Avalanche Energy E AS=f(T j); VDD = 25 V; RGS=25 parameter: I D
800
80 A
700 600 500
10
E AS [mJ]
I AV [A]
400 300 200 100 0
1 1 10 100 1000
0
50
100
150
200
t AV [s]
T j [C]
15 Typ. gate charge V GS=f(Q gate); I D=80 A pulsed parameter: V DD
12
16 Drain-source breakdown voltage V BR(DSS)=f(T j); I D=250 A
64
10
11 V
44 V
62
60 8
V BR(DSS) [V]
V GS [V]
58
6
56
4 54 2
52
0 0 20 40 60 80 100 120 140
50 -60 -20 20 60 100 140 180
Q gate [nC]
T j [C]
Rev. 1.0
page 7
2004-11-30
SPB80N06S-08 SPI80N06S-08, SPP80N06S-08
Published by Infineon Technologies AG St.-Martin-Strae 53 D-81541 Munchen (c) Infineon Technologies AG 2004 All Rights Reserved. Attention please! The information herein is given to describe certain components and shall not be considered as warranted characteristics. Terms of delivery and rights to technical change reserved. We hereby disclaim any and all warranties, including but not limited to warranties of non-infringement, regarding circuits, descriptions and charts stated herein. Infineon Technologies is an approved CECC manufacturer. Information For further information on technology, delivery terms and conditions and prices, please contact your nearest Infineon Technologies office in Germany or our Infineon Technologies representatives worldwide (see address list). Warnings Due to technical requirements, components may contain dangerous substances. For information on the types in question, please contact your nearest Infineon Technologies office. Infineon Technologies' components may only be used in life-support devices or systems with the expressed written approval of Infineon Technologies if a failure of such components can reasonably be expected to cause the failure of that life-support device or system, or to affect the safety or effectiveness of that device or system. Life support devices or systems are intended to be implanted in the human body, or to support and/or maintain and sustain and/or protect human life. If they fail, it is reasonable to assume that the health of the user or other persons may be endangered.
Rev. 1.0
page 8
2004-11-30


▲Up To Search▲   

 
Price & Availability of Q67060-S6185

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X